PART |
Description |
Maker |
Q62705-K151 KPY33-R |
Advanced PFC/PWM Combination Controllers 20-PDIP -40 to 105 相对硅压阻压力传感器 Standard Recovery Rectifier; Forward Current:20A; Forward Current Average:12.7A; Forward Current Avg Rectified, IF(AV):12.7A; Forward Surge Current Max, Ifsm:300A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes Silicon Piezoresistive Relative Pressure Sensor Silicon Piezoresistive Relative Press...
|
Siemens Semiconductor G... SIEMENS AG SIEMENS[Siemens Semiconductor Group] Infineon
|
LT1952 LT1952EGN LT1952IGN |
Single Switch Synchronous Forward Controller
|
Linear Technology
|
LT1952-1 LT1952 19521FA |
Single Switch Synchronous Forward Controller From old datasheet system
|
linear
|
PM4351-RI |
COMBINED E1/T1 TRANSCEIVER
|
PMC-Sierra, Inc
|
NFA31GD1004704D NFA31GD4704704D NFA31GD1001014D NF |
EMIFIL (RC Combined) Array
|
Murata Manufacturing Co., Ltd. Murata Manufacturing Co...
|
SAA4978 SAA4978H |
Picture Improved Combined Network PICNIC
|
NXP Semiconductors
|
SC9698P |
CD PLAY SOC(COMBINED SC9820 with CLOCK)
|
Silan Microelectronics Joint-stock
|
S8866-6411 |
Photodiode array combined with signal processing IC
|
Hamamatsu Corporation
|
PMC-970605 1970605 |
COMBINED E1/T1 FRAMER/TRANSCEIVER From old datasheet system
|
PMC-Serria
|
SL74HC123N SL74HC123D SL74HC123 HC123 |
Standard Recovery Rectifier; Repetitive Reverse Voltage Max, Vrrm:1000V; Forward Current Avg Rectified, IF(AV):2A; Non Repetitive Forward Surge Current Max, Ifsm:70A; Forward Voltage Max, VF:1.1V; Package/Case:DO-15 双Retriggerable单稳态触发器 Dual Retriggerable Monostable Multivibrator
|
System Logic Semiconductor Co., Ltd. SLS[System Logic Semiconductor]
|
TA8440HQ |
Full-bridge Driver (H-Switch) for DC Motor (Driver for Switching between Forward and Reverse Rotation)
|
Toshiba Corporation
|
2914 2913 N2914 |
COMBINED SINGLE-CHIP PCM CODEC AND FILTER
|
INTEL[Intel Corporation]
|